Part Number Hot Search : 
C1510 N3F20CA2 1N5453A XFMRS 2SC4684 CH5001A ST72F 599PR2C
Product Description
Full Text Search
 

To Download 2N7228 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D
TO-254
G S
POWER MOS IV
MAXIMUM RATINGS
Symbol VDSS VGS ID IDM IAR Parameter Drain-Source Voltage Gate-Source Voltage
TM
2N7228 500 Volt JX2N7228* JV2N7228*
0.415
*QUALIFIED TO MIL-S-19500/592 31/7/92
JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
All Ratings: TC = 25C unless otherwise specified.
2N7228 UNIT Volts
500 20 12
ed at R he
MIN
Continuous Drain Current @ TC = 25C Continuous Drain Current @ TC = 100C Pulsed Drain Current Avalanche Current
1 1
8
Amps
48 12 150
Watts
Total Power Dissipation @ TC = 25C PD Total Power Dissipation @ TC = 100C Linear Derating Factor EAS EAR TJ,TSTG TL Single Pulse Avalanche Energy Repetitive Avalanche Energy
60 1.2 750 15 -55 to 150 300
C W/K mJ
Operating and Storage Junction Temperature Range Max. Lead Temp. for Soldering Conditions: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS VGS(TH) IDSS IGSS ID(ON) Characteristic / Test Conditions
va la
nc
TYP
MAX
UNIT Volts
Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) Gate Threshold Voltage
500 2 4 25 250 100 12 0.415 0.900 0.515
A
(VDS = VGS, ID = 250A)
Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 20V, VDS = 0V) On State Drain Current
2
A nA Amps
(VDS > I D(ON) x R DS(ON) Max, VGS = 10V)
2 2 2
Drain-Source On-State Resistance RDS(ON) Drain-Source On-State Resistance Drain-Source On-State Resistance
(VGS = 10V, ID = 8.0A) (VGS = 10V, ID = 8.0A, TC = 125C) (VGS = 10V, ID = 12.0A)
Ohms
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA
405 S.W. Columbia Street Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
051-5015 Rev D
DYNAMIC CHARACTERISTICS
Symbol CDC Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Drain-to-Case Capacitance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions f = 1 MHz VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 2.35 MIN TYP MAX
2N7228
UNIT
12 2410 356 125 103 14 42 14 21 38 12
24 2900
pF
530 235 150 21 70 35 190
ns nC
170 130
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
12 48 1.7 296 3.5 1600 8.8
(Body Diode) (VGS = 0V, IS = -ID [Cont.])
Reverse Recovery Time (IS = -ID [Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], dl S/dt = 100A/s)
THERMAL CHARACTERISTICS
Symbol RJC RJA
1 2
Characteristic Junction to Case Junction to Ambient
MIN
TYP
MAX
UNIT K/W
3
0.83 31
Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
1.0 , THERMAL IMPEDANCE (C/W) 0.5 D=0.5 0.2 0.1 0.05 0.1 0.05 0.02 0.01 0.01 0.005 SINGLE PULSE Note:
PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
051-5015 Rev D
Z 0.001 10-5
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
2N7228
20
I D , DRAIN CURRENT (AMPERES)
VGS=6V, 6.5V & 10V
I D , DRAIN CURRENT (AMPERES)
20
VGS=10V VGS=6.5V VGS=6V 5.5V
16 5.5V 12 5V 8 4.5V 4V 0 50 100 150 200 250 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS 20 0
16
12 5V 8 4.5V
4
4
4V 2 4 6 8 10 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 3.0
V
GS
0
0
TJ = -55C
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
I D , DRAIN CURRENT (AMPERES)
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
16
2.5
12
TJ = +125C
2.0 VGS=10V
8 TJ = +125C TJ = +25C TJ = -55C
1.5
4
1.0
VGS=20V
2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 16
0
0
0.5
0
10 20 30 40 50 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
1.2
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
VGS(TH), THRESHOLD VOLTAGE (VOLTS) (NORMALIZED)
I D , DRAIN CURRENT (AMPERES)
1.1
12
1.0
8
0.9
4
0.8
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5
I = 0.5 I [Cont.]
D D
0
25
0.7 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.4
V
GS
= 10V
2.0
1.2
1.5
1.0
1.0
0.8
0.5
0.6 051-5015 Rev D
0.0 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.4 -50
-25
2N7228
50
OPERATION HERE LIMITED BY R (ON) DS
100S
7,000 5,000
I D , DRAIN CURRENT (AMPERES)
1mS 10 5 10mS
Ciss
C, CAPACITANCE (pF)
1,000 Coss 500 Crss
1 0.5 TC =+25C TJ =+150C SINGLE PULSE 0.1 1 5 10 50 100 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
100mS
DC 100 70 0.1 0.5 1 5 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
I = I [Cont.]
D D
16
VDS=100V VDS=250V
IDR, REVERSE DRAIN CURRENT (AMPERES)
20
100 50
VGS , GATE-TO-SOURCE VOLTAGE (VOLTS)
20 T = +150C J 10 5 T = +25C J
12 VDS=400V 8
4
2 1
50 100 150 200 250 Qg , TOTAL GATE CHARGE (nC) g FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 .5 1.0 1.5 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
TO-254AA Package Outline
13.84 (.545) 13.59 (.535) 1.27 (.050) 1.02 (.040) 6.91 (.272) 6.81 (.268)
3.78 (.149) Dia. 3.53 (.139) 20.32 (.800) 20.07 (.790) 13.84 (.545) 13.59 (.535) 17.40 (.685) 16.89 (.665)
31.37 (1.235) 30.35 (1.195)
Drain Source Gate
3.81 (.150) BSC 6.60 (.260) 6.32 (.249)
051-5015 Rev D
1.14 (.045) Dia. Typ. .89 (.035) 3 Leads 3.81 (.150) BSC
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of 2N7228

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X